PART |
Description |
Maker |
DIP12-2A72-21D 3212200121 |
DIP Reed Relay DRY REED RELAY, DPST, MOMENTARY, 0.024A (COIL), 12VDC (COIL), 288mW (COIL), 0.5A (CONTACT), 200VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
MEDER ELECTRONIC AG
|
DIP05-1C96-51F |
DRY REED RELAY, SPDT, MOMENTARY, 0.025A (COIL), 5VDC (COIL), 125mW (COIL), 0.5A (CONTACT), 175VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT ROHS COMPLIANT DIP Reed Relay
|
MEDER electronic
|
DIP05-1C90-51F |
DRY REED RELAY, SPDT, MOMENTARY, 0.025A (COIL), 5VDC (COIL), 125mW (COIL), 0.5A (CONTACT), 175VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT ROHS COMPLIANT DIP Reed Relay
|
MEDER electronic
|
DIP05-1A72-13DHR |
DIP Reed Relay DRY REED RELAY, SPST, MOMENTARY, 0.005A (COIL), 5VDC (COIL), 25mW (COIL), 0.5A (CONTACT), 200VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
MEDER ELECTRONIC AG
|
DIP12-1C90-51D |
DIP Reed Relay DRY REED RELAY, SPDT, MOMENTARY, 0.024A (COIL), 12VDC (COIL), 288mW (COIL), 0.5A (CONTACT), 175VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
MEDER ELECTRONIC AG
|
R0292B00 R0294B08 R0295B08 R029 |
REED RELAY / DRY CONTACT
|
celduc-relais
|
R0252W00 R0250W00 R0253W00 |
REED RELAY / CHANGE OVER DRY CONTACT
|
celduc-relais
|
R0584W01 |
REED RELAY / BISTABLE CHANGE OVER DRY CONTACT
|
celduc-relais
|
R1329L13 R1380L13 R1343L13 R1380L85 R1329L85 R1343 |
HIGH VOLTAGE REED RELAY/ DRY CONTACT
|
celduc-relais
|
WF512K32N-90H1M5A WF512K32 WF512K32F-120G1UC5 WF51 |
REED RELAY, 4PST, HG WET, 12V, DIODE RoHS Compliant: No 512Kx32 5V FLASH MODULE, SMD 5962-94612 512Kx32 5V的闪存盘,贴962-94612 RES 3K-OHM 5% 0.75W 250PPM THK-FILM SMD-2010 TR-7-PA 512Kx32 5V的闪存盘,贴962-94612 Reed Relay; Contacts:SPST; Switching Current Max:0.5A; Switching Voltage Max:200V; Contact Carry Current:1A; Coil Voltage DC Max:5V; Relay Terminals:DIP-14; Relay Mounting:PC Board; Contact Carrying Power:10W Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes Dry Reed Relay; Contacts:DPST-2NO; Contact Carry Current:1A; Coil Voltage DC Max:5V; Relay Terminals:Thru Hole; Switching Current Max:0.5A; Switching Voltage Max:200V; Contact Carrying Power:10W; Leaded Process Compatible:Yes RoHS Compliant: Yes x32 Flash EEPROM Module 100ns; 5V power supply; 512K x 32 flash module, SMD 5962-94612
|
Electronic Theatre Controls, Inc. http:// List of Unclassifed Manufacturers ETC[ETC] White Electronic Designs
|
DBR71215P |
DRY REED RELAY, DPDT, MOMENTARY, 0.05A (COIL), 12VDC (COIL), 600mW (COIL), PANEL MOUNT
|
CYNERGY3 CORP
|
|